|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Power Supplies 1757920002G AC ATX 200 W Power Supply Input Output Max. Load Min. Load Safety Compatible with Advantech products Specifications AC 100 ~ 240 V @ 47 ~ 63 Hz, full range (PFC) 200 W +3.3 V +5 V -5 V +12 V 14 A 16 A 0.2 A 9A 0A 2A 0.1 A 1A UL, TUV, CB, CCC 1757920002G: MIC-3039-B RoHS COMPLIANT 2002/95/EC -12 V 0.7 A 0.1 A +5 Vsb 1.5 A 0.1 A 1757000190G/1757000011G AC cPCI 250 W Redundant Power Module/DC 48V cPCI 250 W Redundant Power Module Input Output Max. Load RoHS COMPLIANT 2002/95/EC Safety Compatible with Advantech products Specifications 1757000190G: AC 100 ~ 254 V @ 50 ~ 60 Hz, full range (PFC) 1757000011G: DC -48 V (-36 ~ -72 V input range) 250 W +3.3 V +5 V +12 V -12 V 18 A 25 A 5A 0.5 A 1757000190G: CSA, CB, CCC 1757000011G: CSA, CB 1757000190G/1757000011G: MIC-3042/MIC-3043 RoHS COMPLIANT 2002/95/EC 1757000220G/1757000221G AC ATX 350 W Redundant Power Module Input Output Max. Load Min. Load Safety Specifications AC 100 ~ 240 V @ 47 ~ 63 Hz, full range (PFC) 350 W +3.3 V +5 V -5 V +12 V 35 A 35 A 8A 1A 3A 0.5 A UL, TUV, CB, CCC 1757000220G: MIC-3038 1757000221G: MIC-3041 1757000220G -12 V 0.8 A 0A +5 Vsb 2A 0A 1757000221G Compatible with Advantech products 1757000111G AC ATX 500 W Power Supply Specifications Input Output Max. Load Min. Load Safety Compatible with Advantech products AC 115 ~ 240 V @ 47 ~ 63 Hz, full range (PFC) 500 W +3.3 V +5 V -5 V +12 V 30 A 40 A 0.8 A 32 A 0A 2.5 A 0A 1A UL, TUV, CB, CCC 1757000111G: MIC-3081B -12 V 1A 0A +5 Vsb 2A 0.1A RoHS COMPLIANT 2002/95/EC All product specifications are subject to change without notice Last updated : 1-Mar-2007 |
Price & Availability of 1757000190G |